PART |
Description |
Maker |
STP20NM505 STP20NM50FP STB20NM50 STB20NM50-1 STB20 |
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET From old datasheet system N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?Power MOSFET Search --To STSTP20NM50 N-CHANNEL POWER MOSFET N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmeshPower MOSFET N沟道500V - 0.20ohm - 20A条TO-220/FP/D2PAK/I2PAK的MDmesh?功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
STP22NM50 STP22NM50FP STB22NM50 STB22NM50-1 |
N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?Power MOSFET N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmeshPower MOSFET N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh⑩Power MOSFET N沟道500V - 0.16ohm - 20A条TO-220/FP/D2PAK/I2PAK的MDmesh⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
FDA20N50 FDA20N50F109 |
N-Channel UniFET-TM MOSFET 500V, 20A, 230mOhms N-Channel UniFETTM MOSFET 500V, 22A, 230m
|
Fairchild Semiconductor
|
IRFP460A IRFP460APBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V Rds(on)max=0.27ohm Id=20A) Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)最大值\u003d 0.27ohm,身份证\u003d 20A条)
|
IXYS Corporation IRF[International Rectifier] International Rectifier, Corp.
|
FDP20N50F11 |
N-Channel MOSFET, FRFET 500V, 20A, 0.26Ω
|
Fairchild Semiconductor
|
RF4E20N50S |
20A, 500V, 0.240 Ohm, N-Channel Power MOSFETs
|
Fairchild Semiconductor
|
IRHNA7460SE |
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
|
IRF[International Rectifier]
|
IRFP460PBF |
20A,500V Heatsink N-Channel Type Power MOSFET
|
Thinki Semiconductor Co...
|
IRFP460A |
20A,500V,0.22 Ohm,N-Channel SMPS Power MOSFET
|
Fairchild Semiconductor
|
IRFP460 IRFP460PBF |
20 A, 500 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 0.27ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|
2SK2197 |
VX-2 Series Power MOSFET(500V 20A)
|
Shindengen Electric Mfg.Co.Ltd
|